PART |
Description |
Maker |
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IDT74ALVC162268 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
|
IDT
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUP32866EC_G SSTUP32866EC_S SSTUP32866EC/G SSTUP |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity and programmable output for DDR2-800 RDIMMs
|
NXP Semiconductors
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8 |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit Registered Buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit Registered Buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
IDT74ALVCHR162269A |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
|
IDT
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
ICS32852 ICSSSTV32852 ICSSSTV32852YHT STV32852YHLF |
SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 DDR 24-Bit to 48-Bit Registered Buffer
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Circuit Systems
|
IDT74SSTVM16859 |
13-Bit to 26-Bit Registered Buffer with SSTL I/O
|
IDT
|