PART |
Description |
Maker |
CZ5388B CZ5342B CZ5343B CZ5344B CZ5345B CZ5346B CZ |
surface mount silicon Zener diodes 150 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 68 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 30 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 19 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 87 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 91 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD Silicon Zener Diode is a high quality voltage regulator Leaded Zener Diode General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
TGL3468 TGL34-10 TGL34-100 TGL34-100A TGL34-10A TG |
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
1PMT5920BT3 1PMT5921BT3 1PMT5922BT3 1PMT5923BT3 1P |
PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS surface mount silicon Zener diodes 8.2 V, 0.38 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA surface mount silicon Zener diodes 6.2 V, 0.38 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA surface mount silicon Zener diodes 6.8 V, 0.38 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA IC 1:10 CLOCK BUFFER 28-SSOP 12 V, 0.38 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA surface mount silicon Zener diodes 10 V, 0.38 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.31 VOLTS From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
DL4738A DL4731A DL4744A DL4753A DL4732A DL4747A DL |
Surface Mount M.E.L.F ZENER DIODE RES 2.37K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
SMAZ9V1 SMAZ10 SMAZ12 SMAZ15 SMAZ16 SMAZ6V8-13-F S |
1.0W SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 6.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 9.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 8.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1.0W Power Dissipation
|
Diodes Incorporated http:// Diodes, Inc.
|
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
D5V0M1U2S9-7 |
SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
|
Diodes Incorporated
|
1N4745A 1N4729A 1N4728A 1N4734A 1N4747A 1N4756A 1N |
1W 5% DO-41 ZENER DIODE PTDA 1,5/ 2-PH-3,5 surface mount silicon Zener diodes 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Diodes for Stabilized Power Supply
|
RECTRON LTD RECTRON[Rectron Semiconductor] http:// Hitachi Semiconductor
|
JANS1N6320 JANTX1N6325 JANTXV1N6325 JANTX1N6340 JA |
surface mount silicon Zener diodes 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Microsemi, Corp.
|
LLZ36D LLZ39A LLZ39G LLZ30A LLZ4V3B LLZ13C LLZ4V3C |
500mW Silicon Zener Diodes surface mount silicon Zener diodes 19.73 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 32.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 4.44 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 13.33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 27.69 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 39.87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 35.58 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 34.89 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Micro Commercial Components, Corp.
|
|