PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
CS220-35N CS220-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS 35 A, 600 V, SCR, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
1SMB22AT3 1SMB24AT3 1SMB18AT3 1SMB6.0AT3 1SMB5.0AT |
From old datasheet system 600 WATT PEAK POWER PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// MOTOROLA[Motorola, Inc] ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
SMBJ85CA-13 SMBJ150A-13 |
TVS BI-DIR 85V 600W SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc. DIODES INC
|
600-052 |
600-052, 600-090, 600-057, 600-083,600-052-1, 600-090-1, 600-057-1 & 600-083-1 Clamping Bands
|
Glenair, Inc.
|
APT30DQ60KG |
Fast Recovery Epitaxial Diode; Package: TO-220 [K]; IO (A): 30; VR (V): 600; trr (nsec): 19; VF (V): 2; Qrr (nC): 400; 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220
|
Microsemi, Corp.
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
P6FMBJ P6FMBJ10 P6FMBJ100 P6FMBJ100A P6FMBJ10A P6F |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3" ZINC HUB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON[Rectron Semiconductor]
|
|