PART |
Description |
Maker |
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
031301.2MXP 0312.150HXP 0312.150MXP 031801.8HXP 03 |
312/318 Series Lead-Free 3AG, Fast-Acting Fuse FAST BLOW ELECTRIC FUSE, 0.031A, 250VAC, 35A (IR), INLINE/HOLDER 312/318 Series Lead-Free 3AG, Fast-Acting Fuse
|
Littelfuse
|
0267.125V 0267.250V 0267.250VXT 0266005.V 0265.062 |
265/266/267 Series, PICO?, Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Littelfuse
|
0263.062MXL 0263.062WRT1- 0263.062WRT1L 0269.300V |
262/268/269 Series, MICRO Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.01A, 125VAC, 125VDC, 10000A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 0.031A, 125VAC, 125VDC, 10000A (IR), THROUGH HOLE MICRO > Very Fast-Acting > 262/268/269 Series 262/268/269 Series, MICRO?Very Fast-Acting Fuse (High-Reliability)
|
Littelfuse
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
0263005.WRT1- 0263005.WRT1L 0263005.MXL 0263005.WA |
263 Series, PICO? II 250 Volt, Very Fast-Acting Fuse Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
|
Littelfuse
|
26502.5 265 265.062 265.125 265.250 265.375 265.50 |
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series 匹克保险丝非常快保险65/266/267系列
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
217040 217160 217063 217032 217800 217001 217002 2 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
0ADEP9120-XX 0ADEP9150-XX 0ADEP9160-XX 0ADEP9100-X |
FAST ACTING FUSE SERIES
|
Bel Fuse Inc.
|
235006P 235016P 235025P 235700P 235004P |
5 x 20 mm Fast-Acting Fuse 5 × 20毫米快速保险丝
|
Littelfuse, Inc.
|
SS-5F-1A-AP1 SS-5F-10A-AP SS-5F-2.5A-BK SS-5F-2.5A |
FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE ROHS COMPLIANT PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:125V RoHS Compliant: Yes PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|