PART |
Description |
Maker |
DIP-1987-11-1001DB DIP-1987-11-1001DC DIP-1987-11- |
TaNFilm Precision DIP Network Commercial and MIL Qualified TaNFilm垄莽 Precision DIP Network Commercial and MIL Qualified TaNFilm? Precision DIP Network Commercial and MIL Qualified RESISTOR, NETWORK, FILM, ISOLATED, 1.6 W, THROUGH HOLE MOUNT DIP-16
|
IRC - a TT electronics ... IRC - a TT electronics Company. http:// IRC Advanced Film
|
NDP128-002-BF NDP128-004-BF NDP100-002-BF NDP100-0 |
90° 180° Solder Dip Plug (1.27mm Pitch) 90掳 180掳 Solder Dip Plug (1.27mm Pitch) 90隆? 180隆? Solder Dip Plug (1.27mm Pitch)
|
Yamaichi Electronics Co., Ltd.
|
TP30-180RL TP30-130RL TP30-100RL TP30-120RL TP30-1 |
DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Pitch Spacing:2.54mm; Series:BPA; Actuator Style:Side RoHS Compliant: Yes DIP / Rotary DIP 的TRISIL
|
ST Microelectronics STMicroelectronics
|
0307001187 30700-1187 |
2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64
|
Molex Electronics Ltd.
|
218-02LPST 218-2LPSTR 218-12LPSTJRF |
SMT Half Pitch DIP Switch?Auto Placeable Half Pitch, SMD DIP Switch
|
CTS Corporation
|
GUS-QS001-01-56R0-J GUS-QS001-01-56R0-K GUS-QS001- |
TaNSil0 0.025 Lead Pitch High Frequency Resistor Network
|
IRC - a TT electronics Company.
|
0307005100 30700-5100 |
2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64?/a> High Density AutomotiveHeader, Dual Row, Right Angle 10 Circuits 2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64 High Density AutomotiveHeader, Dual Row, Right Angle 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0307005060 30700-5060 |
2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64 High Density AutomotiveHeader, Dual Row, Right Angle 6 Circuits 2.54mm (.100) Pitch, 0.64mm (.025) Width H-DAC 64?/a> High Density AutomotiveHeader, Dual Row, Right Angle 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
1-1825059-4 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SA04=DIP SWT,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
1N1673 1N1660 1N2054 1N3270 1N3271 1N3272 1N3273 1 |
SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns) 标准整流器(花环率超00ns的) Round Conductor Flat Cable, 2049/26 30 AWG, .025 (0.64) 275 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB CLOTH CLEANING HI-PERF BLUE 275 A, 500 V, SILICON, RECTIFIER DIODE, DO-205AB CABLE 100 COND .025 FLAT 100FT Round Conductor Flat Cable, 2049/100 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/36 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/20 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/40 30 AWG, .025 (0.64) Masking Tape; Tape Backing Material:Crepe Paper; Width:1"; Roll Length:60yard; Adhesive Material:Rubber; Leaded Process Compatible:No; Pack Quantity:1 RoHS Compliant: Yes 275 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AB
|
Motorola Mobility Holdings, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SD-98194-002 SD-98194-005 0981941211 |
2.54mm (.100) Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025), Reel Tin (Sn), Crimp 2.54mm (.100") Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025"), Reel Tin (Sn), Crimp
|
Molex Electronics Ltd.
|