PART |
Description |
Maker |
DS1245Y-100 DS1245AB DS1245AB-100 DS1245AB-120 DS1 |
CAT5E PATCH CORD 10 FOOT BEIGE 1024k非易失SRAM GT 24C 24#16 PIN PLUG CAT5E PATCH CORD 1 FOOT PINK GT 31C 1#4,2#8,14#12,14#16 SKT CABLE SMA/SMA 36 RG-58 CAT5E PATCH CORD 15 FOOT BEIGE Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight CAT5E PATCH CORD 50 FOOT BEIGE 1024k Nonvolatile SRAM
|
Maxim Integrated Products DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
M616Z08 M616Z08-20MH3 M616Z08-20MH3TR |
CAT5E PATCH CORD 100 FOOT YELLOW CAT5E PATCH CORD 50 FOOT YELLOW 128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE 128 KBIT (8 KBIT X 16) SRAM WITH OUTPUT ENABLE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
1N4618C 1N4618C-1 1N4615D 1N4619C 1N4619C-1 1N4623 |
Hermetically sealed glass case. DO ? 35 outline. Hermetically sealed glass case. DO 35 outline. 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Hermetically sealed glass case. DO 35 outline. 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Hermetically sealed glass case. DO 35 outline. 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 LED AMBER T1-3/4 RT ANG PCB 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 CAT5E PATCH CORD, BEIGE 10FT 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Hermetically sealed glass case. DO 35 outline. 2.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Hermetically sealed glass case. DO 35 outline. 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Hermetically sealed glass case. DO 35 outline. 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE,CMR1-02,403A-01 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 GE KIT:CAT5 VGA VIDEO 4CHSPLITTER & 4 LR REMOTES 1.8 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 1/2" SQUARE STAPLES 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 1 POS RING RACK SCA-25.B016G 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 CAT 5E PATCH CORD, BEIGE 20FT 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 CAT 5E PATCH CORD, BEIGE 7 FT. 2.4 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH CAT 5E PATCH CORD, RED 6 FT CAT 5E PATCH CORD, RED 7 FT. CAT 5E PATCH CORD, RED 5 FT. GE KIT:CAT5 VGA VIDEO 4CHSPLITTER & 4 LR REMOTES D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:Solder; D Sub Shell Size:DB9; Body Material:Metal; Contact Plating:Gold Over Nickel CAT5E 350MHZ PATCH CABLE 15FT, SNAGLESS, BLACK Hermetically sealed glass case. DO - 35 outline. Zener Voltage Regulator Diode
|
MICROSEMI CORP-LAWRENCE NEC TOKIN, Corp. Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SLD10U-017 SLD24U-017 SLD16U-017 |
CAT5E 350MHZ PATCH CORD, 10FT BLACK, SNAGLESS BOOT Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
|
http:// Littelfuse, Inc.
|
TC58FVB321 TC58FVXB-70 TC58FVXB-10 TC58FVT321-70 |
32-MBIT (4M 8 BITS / 2M 16 BITS) CMOS FLASH MEMORY 32兆位分 200万6位)的CMOS闪存 CAT5E PATCH CORD 100MHZ 7 FOOT BLACK 32兆位分 200万6位)的CMOS闪存 32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8 |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit Registered Buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit Registered Buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
AM29F017B-120FEB AM29F017B-120FC AM29F017B-120EE A |
CAT 5E PATCH CORD, RED 1 FT CAT 5E PATCH CORD, GREEN 10FT CAT 5E BULK CABLE 100 MHZ,SHLD,PLNM-WHITE CAT 5E PATCH CORD, GREEN 6 FT LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package; Package: TSOT; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package; Package: TSOT; No of Pins: 6; Qty per Container: 1000; Container: Reel LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package; Package: TSOT; No of Pins: 6; Qty per Container: 250; Container: Reel LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs; Package: PSOP; No of Pins: 8; Qty per Container: 2500; Container: Reel LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs; Package: PSOP; No of Pins: 8; Qty per Container: 95; Container: Rail 16 Megabit (2 M x 8-Bit)CMOS 5.0 Volt-only, Uniform Sector Flash Memory GIGABASE 350 CAT5E PATCH 2 FT, NON BOOT, GREEN 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 16兆位米8位)的CMOS 5.0伏只,统一部门快闪记忆 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs; Package: MINI SOIC; No of Pins: 8; Qty per Container: 1000; Container: Reel 16兆位米8位)的CMOS 5.0伏只,统一部门快闪记忆 LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs; Package: MINI SOIC; No of Pins: 8; Qty per Container: 3500; Container: Reel 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 GIGABASE 350 CAT5E PATCH 100 FT, NO BOOT BL 25PAK 16兆位米8位)的CMOS 5.0伏只,统一部门快闪记忆 GIGABASE 350 CAT5E PATCH 50 FT, NO BOOT BL 25PAK 2M X 8 FLASH 5V PROM, 120 ns, PDSO48 LM3407 350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs; Package: MINI SOIC EXP PAD; No of Pins: 8; Qty per Container: 1000; Container: Reel 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 CAT5E 350MHZ PATCH CABLE 50FT, GREEN 2M X 8 FLASH 5V PROM, 120 ns, PDSO48 GIGABASE 350 CAT5E PATCH 4 FT, NON BOOT, GREEN 2M X 8 FLASH 5V PROM, 120 ns, PDSO48 LM3401 Hysteretic PFET Controller for High Power LED Drive; Package: MINI SOIC; No of Pins: 8; Qty per Container: 3500; Container: Reel 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 CAT 5E PATCH CORD, RED 3 FT
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
A23L8316V-70 A23L8308 A23L8316 A23L83161 A23L83161 |
Power Resistor; Series:MK; Resistance:200kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C CAT5E PATCH CORD 25 FOOT BLACK 256K X 16 / 512K X 8 BIT CMOS MASK ROM 256 × 16 /12k × 8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
DBC5EPLB2M DBC5EPLBK0.5M DBC5EPLGY2M DBC5EPLGY10M |
CAT5E MOULDED PATCH LEADS
|
Dubilier
|
A-MCKP-80005-R A-MCKP-80010-R A-MCKP-80020-R A-MCK |
Cat5e FTP Crossover Patch cable
|
Assmann Electronics Inc...
|
CS218I-30D CS218I-30M CS218I-30P CS218I-30N CS218I |
CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT 30 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1200 V, SCR, TO-218 Connector assemblies, Network cables; 30 A, 400 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1000 V, SCR, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|