PART |
Description |
Maker |
SY89533LHC SY89533LHCTR SY89533LHH SY89533LHHTR SY |
3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
|
MICREL[Micrel Semiconductor]
|
P2288-02 P2288-09 |
MCU CMOS 44 LD 33MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY
|
Golledge Electronics, Ltd.
|
ZEN2014F |
33MHz Up/down Counter
|
Zenic
|
HHBA-5101 HHBA-5101C HHBA-5101CP |
1 Gb 64-bit. 33MHz Tachyon TL PCI-to-Fibre Channel Adapter. Bulk Packaging Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101C · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101CP · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter, Bulk Packaging
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
AB-2061G-33 |
33Mhz PCI to Local Bus Interface
|
N.A.
|
QL5232-33APQ208C QL5232-33APQ208I QL5232-33APQ208M |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
AM79574-2JC AM79574-1JC |
33MHZ, TQFP, COM TEMP(MCU 5X) 通信集成电路 Telecommunication IC 通信集成电路
|
Amphenol, Corp.
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|