PART |
Description |
Maker |
UN6123 UNR6123 UN6124 UNR6124 UN6122 UNR6122 UN612 |
TRANSISTOR | 50V V(BR)CEO | 500MA I(C) | SC-71VAR UNR612X Series (UN612X Series) - PNP Transistors with built-in Resistor
|
Matsshita / Panasonic
|
PDTC114TU PDTC114TT PDTA114TM PDTA114T PDTA114TE P |
NPN resistor-equipped transistor PNP resistor-equipped transistors; R1 = 10 kOHM R2 = open PDTA114T series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MUN5111 |
(MUN5111 Series) Bias Resistor Transistor PNP Silicon
|
Weitron Technology
|
BRA114EMP BRA144EMP BRA123EMP BRA124EMP BRA143EMP |
PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
|
HITACHI[Hitachi Semiconductor]
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
BRA114 BRA123 BRA124 BRA143 BRA144 |
(BRA114 - BRA144) PNP Bulti-in Resistor Transistor CMPAK Series Inverter / Driver / Switching
|
Hitachi
|
PDTA123YT215 PDTA123YE |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA124XU PDTA124X PDTA124XE PDTA124XEF PDTA124XK |
PDTA124X series; PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
FST32253 FST32253QSC FST32253M FST32253MTC FST3225 |
Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25 Ohm Series Resistors in Outputs Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25?/a> Series Resistor in Outputs From old datasheet system Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25з Series Resistor in Outputs ENCODER ROTARY W/SPST SW 15PPR 4-Input Digital Multiplexer CBT/FST/QS/5C/B SERIES, DUAL MULTIPLEXER, PDSO16 Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25 Series Resistor in Outputs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
PDTA113E PDTA113EE PDTA113EK PDTA113EM PDTA113ES P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|