PART |
Description |
Maker |
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV4279A50D1G NCV4279A50D1R2G NCV4279A50D2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4279CD1R2 |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and monitor FLAG.
|
ON Semiconductor
|
NCV8512PW50G NCV8512 NCV8512PW50R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
|
ONSEMI[ON Semiconductor]
|
NCV8502-D |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor Flag From old datasheet system
|
ON Semiconductor
|
NCV8501_07 NCV8501 NCV8501D100 NCV8501D100G NCV850 |
Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
|
ONSEMI[ON Semiconductor]
|
NCV8502PDW25R2G |
Micropower 150 mA LDO Linear Regulators
|
ON Semiconductor
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
SI91821DH-AD-T1 SI91821DH-AD-T1-E3 SI91821 SI91821 |
Micropower 300-mA CMOS LDO Regulator With Error Flag 300毫安的CMOS LDO稳压器国旗错 Micropower 300-mA CMOS LDO Regulator With Error Flag 00毫安的CMOS LDO稳压器国旗错 RF/Coaxial Connector; RF Coax Type:BNC; Impedance:50ohm; Body Style:Straight Jack; Contact Material:Phosphor Bronze; Insulator Material:Teflon; Mounting Type:PC Board Edge RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|