PART |
Description |
Maker |
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MR533252J |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD.
|