PART |
Description |
Maker |
3FL16-150 3FL30-200 3FL30-400 3FL40-150 3FL40-300 |
Low Profile Laminated Power Transformers
|
ETC http:// List of Unclassifed Manufacturers
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
AUK11Y48 AUK06A48 AUK09F48 AUK10G48 AUK11M48 AUK11 |
DC-DC / Ultra Low Profile Isolated 30w Ultra Low Profile - 4.4mm 30 Watts Embedded Power
|
ASTEC[Astec America, Inc] Emerson Network Power http://
|
IHLP-2525CZ-06 |
10 % DCR Tolerance, Low Profile, IHLP? Power Inductor 10 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 10 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
AZ936-1A-3DE AZ936-1A-48DE AZ936-1A-5D AZ936-1A-9D |
Nominal coil VCD: 12; 10Amp low profile power relay Nominal coil VCD: 100; 10Amp low profile power relay Nominal coil VCD: 48; 10Amp low profile power relay Nominal coil VCD: 5; 10Amp low profile power relay 10 AMP LOW PROFILE POWER RELAY
|
ZETTLER electronics ETC List of Unclassifed Manufacturers
|
FP3-100-R FP3-150-R FP3-1R0-R FP3-2R0-R FP3-1R5-R |
Low Profile Inductors 155°C maximum total temperature operation Low profile high current inductors
|
Cooper Bussmann, Inc.
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
B340A |
Low power loss, high efficiency Low profile surface mount package Built-in strain relief
|
TY Semiconductor Co., Ltd
|
MXR6999M MXR6999G |
Low Profile, Low Power ±1.0g Dual Axis Accelerometer with Ratiometric Outputs Low Profile, Low Power 卤1.0g Dual Axis Accelerometer with Ratiometric Outputs Low Profile, Low Power 【1.0g Dual Axis Accelerometer with Ratiometric Outputs
|
List of Unclassifed Manufacturers ETC[ETC]
|
SPS4015FT150M SPS4015FT100M SPS4015FT470M SPS4015F |
Low Profile Power Inductors
|
Superworld Electronics
|
SPS5020FT150M SPS5020FT100M SPS5020FT1R0N SPS5020F |
Low Profile Power Inductors
|
Superworld Electronics
|