PART |
Description |
Maker |
U.FL-R-SMT_10 HRMJ-U.FLP HRMJ-U.FLP-ST1 HRMP-U.FLJ |
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 超小型表面贴装同轴连接器-超薄一点九毫米.4毫米交配高度
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX4368 MAX4367 MAX4366EUA MAX4366 MAX4366EBL-T MA |
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown "330mW, Ultra-Small, BTL Audio Amp SHDN Fixed 3V/V Gain"
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HMC326MS8GE HMC326MS8G09 HMC326MS8GETR |
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz 3000 MHz - 4500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER ROHS COMPLIANT, ULTRA SMALL, PLASTIC, SMT, MSOP-8
|
Hittite Microwave Corporation Hittite Microwave, Corp.
|
MAX4291 MAX4291EUK-T MAX4291EXK-T MAX4292 MAX4294 |
Ultra-Small / !.8V / Power / Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, レPower, Rail-to-Rail I/O Op Amps ULTRA-SMALL, !.8V, ヌPOWER, RAIL-TO-RAIL I/O OP AMPS Ultra-Small, !.8V, Power, Rail-to-Rail I/O Op Amps Ultra-Small, !.8V, レPower, Rail-to-Rail I/O Op Amps Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SIT1534 |
Ultra-Small, Ultra-Low Power 1 Hz ?32.768 kHz Programmable Oscillator
|
SiTime Corp.
|
52271-1490 52271-1690 52271-2090 52271-2690 |
STECKVERBINDER 1.0MM SMT UNTEN HOR 20POL STECKVERBINDER 1.0MM贺永20POL贴片基础开 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STECKVERBINDER 1.0MM贺永26POL贴片基础开 STECKVERBINDER 1.0MM贺永14POL贴片基础开 STECKVERBINDER 1.0MM SMT UNTEN HOR 20POL
STECKVERBINDER 1.0MM SMT UNTEN HOR 16POL
STECKVERBINDER 1.0MM SMT UNTEN HOR 14POL
|
Molex, Inc. Jameco Electronics
|
EL357N-G EL357NA EL357NB EL357NC EL357ND EL357NE E |
4 PIN ULTRA SMALL SOP 4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
|
Everlight Electronics Co., Ltd Everlight Electronics C...
|
CMNT3904E CMNT3904E10 CMNT3906E CMNT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 X 0.80 MM, 0.50 MM HEIGHT, ULTRA SMALL, FEMTOMINI-5
|
Central Semiconductor Corp Central Semiconductor, Corp. Central Semiconductor C...
|
ISL28196FRUZ-T7 ISL28197FHZ-T7 ISL28196FHZ-T7 |
Ultra-Small, 800nA and 2.5レA Single Ultra-Small, 800nA and 2.5レA Single Comparators Ultra-Small, 800nA and 2.5楼矛A Single Ultra-Small, 800nA and 2.5楼矛A Single Comparators
|
Intersil Corporation
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
ADP3330ARTZ-2.5-R7 ADP3330ARTZ-3.6-R7 ADP3330ARTZ- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ROHS COMPLIANT, ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|