Part Number Hot Search : 
C4115 20240 C3500 8F400 MMA7260Q LM7809 29101E3 KBP00
Product Description
Full Text Search
  mated Datasheet PDF File

For mated Found Datasheets File :: 4648    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428S

HIROSE[Hirose Electric]
Hirose Electric USA, INC.
HIROSE ELECTRIC Co., Ltd.
Part No. GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428SCF GT16C-_1.6-2.9SC GT16C-1P_S-R GT16C-1P-DS GT16C-1S-HU GT16-PC GT16-SC GT16-/1.6-2.9SC GT16-/1.6-2.9PC GT16-/0.7-1.5PC GT16C-/1.6-2.9SC GT16C-1P/S-R
OCR Text ...ackaging 1 1 Housing BFully mated connector assemblies 25.5 9.5 13.5 GT16-1S-HU 9.5 (30) (4.5) Part Number GT16-1P-HU CL No. 766-0009-4 Material PBT Finish Light gray Packaging 1 Printed Circuit Board Type (SMT Type) ...
Description 1 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, SURFACE MOUNT
Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接

File Size 220.02K  /  9 Page

View it Online

Download Datasheet





    SOURIAU INC
Part No. UTS610E07P UTS610E98P
OCR Text mated and unmated condition uts hi seal connector is a range of light- weight industrial plastic circular connec- tors compatible with mil-dtl-26482 connectors. it offers dynamic ip68/ip69k water protection in bo...
Description 7 CONTACT(S), POLYETHYLENE, MALE, CIRCULAR CONNECTOR, SOLDER, PLUG
98 CONTACT(S), POLYETHYLENE, MALE, CIRCULAR CONNECTOR, SOLDER, PLUG

File Size 2,889.53K  /  4 Page

View it Online

Download Datasheet

    YCL
Part No. PTC1111-90
OCR Text ...hms max. for tool-less) subject mated plug and jack to 20mv open circuit at 10 ma maximum. see fig. 3. ref: iec 512-2,test 2a. 5 dielectric withstanding voltage. 1000 vac rms dielectric withstanding voltage, 1minute hold. subject adjacent...
Description LAN 10/100BASE T Non-Shield RJ45 Jack

File Size 60.75K  /  5 Page

View it Online

Download Datasheet

   
Part No. AXC52401
OCR Text mated height of 1.5 mm and a terminal pitch of 0.3 mm fine coaxial wire connector features 1. ultra compact a terminal pitch of 0.3 mm allows for a short length and a wired height of only 1.5 mm. 2. highly reliable has strong resista...
Description 40 CONTACT(S), MALE, SINGLE PART CARD EDGE CONN

File Size 471.25K  /  7 Page

View it Online

Download Datasheet

    SBS75XPRBLK SBS50GRA-BK PSBS50GRA-BK SBS50BLK-BK SBS50BLU-BK SBS50GRN-BK SBS50WHT-BK SBS50BRN-BK PSBS50BRN-BK PSBS50BLU-

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. SBS75XPRBLK SBS50GRA-BK PSBS50GRA-BK SBS50BLK-BK SBS50BLU-BK SBS50GRN-BK SBS50WHT-BK SBS50BRN-BK PSBS50BRN-BK PSBS50BLU-BK PSBS50GRN-BK PSBS50RED-BK
OCR Text ....60 [ 84.8 ] 3.34 [ 28.9 ] 1.14 mated length premate ground / power [ 41.4 ] 1.63 [ 14.5 ] 0.57 [ 59.4 ] 2.34 material id p = chemical resistant [ 55.9 ] 2.20 [ 32.5 ] 1.28 [ 32.5 0.13 ] 0.750 0.005 [ 84.8 ] 3.34 [ 28.9 ] 1.14 mated lengt...
Description SBS? Connectors - up to 110 amps

File Size 1,212.21K  /  8 Page

View it Online

Download Datasheet

    GT17VC-6DP-DS GT17V-6DS-5CF GT17-2022SCF GT17-2428SCF GT17-30SCF GT17-8DP-DS GT17-8DS-2C GT17-8DS-7CF GT17-8DS-HU GT17A-

HIROSE[Hirose Electric]
Part No. GT17VC-6DP-DS GT17V-6DS-5CF GT17-2022SCF GT17-2428SCF GT17-30SCF GT17-8DP-DS GT17-8DS-2C GT17-8DS-7CF GT17-8DS-HU GT17A-8DP-DS GT17A-8DS-HU GT17V-10DP-DSA GT17V-6DP-DS GT17V-6DS-2C GT17V-6DS-R GT17V-6DS-SC GT17VA-10DP-DSA GT17VA-6DP-DS GT17VB-6DP-DS
OCR Text ...iguration BMounted and fully mated connector assemblies BRecommended PCB Mounting Pattern BRecommended Panel Cut-out Board Panel Panel Board Board Part Number GT17V-6DP-DS GT17VA-6DP-DS CL No. 767-0024-4 767-0025-7 ...
Description Antenna/ Sensor/ and Communications Trunk Line Connections
Antenna, Sensor, and Communications Trunk Line Connections

File Size 1,096.56K  /  20 Page

View it Online

Download Datasheet

    P08-100PL-C-G

3M Electronics
Part No. P08-100PL-C-G
OCR Text ...mm pitch connector system ? mated heights available from 3 mm to 8 mm ? surface mount design ? locking mechanism with audible click when fully- mated ? tape and reel with suction covers available for au...
Description 3M Pak 8 Plug Connector

File Size 354.19K  /  3 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. SS4-20-3.00-L-D-L-K-TR ST4-30-1.00-L-D-L-P-TR
OCR Text ...n contact, matte tin on tail mated height ss4 st4 mated height st4 positions per row dptr plating option ?10, ?20, ?30, ?40, ?50 lead style ?1.00 = 1.00mm ?1.50 = 1.50mm ?2.50 = 2.50mm ?l = latching (leave blank for no latching) (only ...
Description 40 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET
60 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT

File Size 510.16K  /  1 Page

View it Online

Download Datasheet

    AGGP35F070060A

List of Unclassifed Manufacturers
Part No. AGGP35F070060A
OCR Text ...gned and the connectors can be mated. the click will confrm fully mated connection. do not attempt to insert on an extreme angle. after the connectors are mated, do not apply a load to the cable in excess of the values indicated in th...
Description 35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter

File Size 1,211.02K  /  12 Page

View it Online

Download Datasheet

    AGGP25F070060A

List of Unclassifed Manufacturers
Part No. AGGP25F070060A
OCR Text ...gned and the connectors can be mated. the click will confrm fully mated connection. do not attempt to insert on an extreme angle. after the connectors are mated, do not apply a load to the cable in excess of the values indicated in th...
Description 25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter

File Size 1,105.40K  /  11 Page

View it Online

Download Datasheet

For mated Found Datasheets File :: 4648    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mated

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1526098251343