PART |
Description |
Maker |
MPVZ2202 MPVZ2202G MPVZ2202GC6T1 MPVZ2202GC7U |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, SQUARE, SURFACE MOUNT 200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc
|
PC100GW |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-100mV, CYLINDRICAL
|
HONEYWELL SENSING AND CONTROL
|
MPXV5050GP |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-7.25Psi, 2.5%, 0.20-4.70V, SQUARE, SURFACE MOUNT
|
FREESCALE SEMICONDUCTOR INC
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MPXS4100A6U MPXS4100A6T1 MPXS4100A |
INTEGRATED PRESSURE SENSOR 集成压力传感 INTEGRATED PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-15.22Psi, 1.8%, 0.30-4.95V, RECTANGULAR, SURFACE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MPX4250 MPX4250A MPX4250AP MPX4250AS MPX4250ASX |
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-36.25Psi, 1.5%, 4.62-4.76V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
SC6122 SC6122-001 SC6122-002 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Vacuum Gage, flush mount with flange, 10 Vdc excitation INFRARED REMOTE CONTROL TRANSMITTER
|
???澹???靛??????? ETC SILAN[Silan Microelectronics Joint-stock]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
|