PART |
Description |
Maker |
IRLBA1304P IRLBA1304 |
HEXFET? Power MOSFET 40V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package HEXFET Power MOSFET(HEXFET 功率MOS场效应管)
|
International Rectifier
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRF740AL IRF740AS IRF740ASTRR |
400V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Switch Mode Power Supply (SMPS) HEXFET? Power MOSFET
|
International Rectifier
|
IRFS9N60A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
Fairchild Semiconductor International Rectifier
|
IRL3202S 2247 |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V的单个N -沟道HEXFET功率MOSFET的一项D2 - PAK封装 From old datasheet system HEXFET? Power MOSFET
|
International Rectifier, Corp.
|