PART |
Description |
Maker |
LS125-271-RM LS125-270-RM LS125-391-RM LS125-221-R |
Surface Mount Power Inductors 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Micropower Rail-to-Rail CMOS Operational Amplifier, 8L SOIC 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD 0.9mV High Slew Rate Rail-to-Rail CMOS Operational Amplifier, 8L CDIP 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 3.1 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors
|
http:// ICE Components, Inc. ICE COMPONENTS INC ice Components, Ins.
|
EPI3L9153D EPI4L7133D EPI3L3173D EPI6L6123D EPI7L8 |
Surface Mount Power Inductor 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD
|
PCA ELECTRONICS INC.
|
EPI2L1223BHC68 |
Surface Mount Power Inductor
|
PCA ELECTRONICS INC.
|
30850BC 30151BC 30000B 3000B |
Surface Mount Power Inductor
|
Murata Manufacturing Co., Ltd.
|
EPI390741G3229L EPI270941G3229L EPI271291G3229L EP |
Surface Mount Power Inductor
|
PCA ELECTRONICS INC.
|
EPI9L6282BH30 EPI290142BH30 EPI111941BH30 EPI3L848 |
Surface Mount Power Inductor
|
PCA ELECTRONICS INC.
|
EPI3L3702B44 EPI2L2802B44 EPI1L5902B44 EPI0L8103B4 |
Surface Mount Power Inductor
|
http:// PCA[PCA ELECTRONICS INC.]
|
EPI330402BH68 LM267X-L38 LM267X-L39 LM267X-L40 LM2 |
Surface Mount Power Inductor
|
PCA[PCA ELECTRONICS INC.]
|
EPI0L4592KSP45 EPI0L6542KSP45 EPI0L8502KSP45 EPI1L |
Surface Mount Power Inductor
|
PCA ELECTRONICS INC.
|
AH283 AH283Z-YLA AH283A-P AH283A-PA AH283A-PLA AH2 |
HALL-EFFECT SMART FAN MOTOR CONTROLLER Inductor; Inductor Type:Power; Inductance:820uH; Inductance Tolerance: /- 20 %; Series:DR; DC Resistance Max:1.47ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:0.65A; Leaded Process Compatible:Yes RoHS Compliant: Yes INDUCTOR,68UH,20%,12.5X10MM,SMD
|
ANACHIP[Anachip Corp]
|