PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
DA2383-AL DA2383-ALD |
Flyback Transformer PoE transformer, for NSC LM5071, 3.3V, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
C1099-ALD C1099-ALB |
PoE transformer, for MAX5941A, SMT, RoHS SMPS TRANSFORMER Flyback Transformer
|
Coilcraft, Inc. Coilcraft lnc.
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
PWB3010-1LB PWB1010-1LB PWB-4-BLC PWB-2-BLB PWB-1- |
Wideband RF transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.14 MHz - 700 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.2 MHz - 400 MHz RF TRANSFORMER 0.13 MHz - 425 MHz RF TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
S553-6500-E2 |
HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
DA2421-AL DA2420-AL DA2421-ALB |
PoE Transformers Transformer, for STE12PS, 1:3, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
B0726-EL B0726-ELB C1350-ALD |
ADSL Transformers DSL transformer, for Broadcom BCM63xx, SMT, RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
B0392-ALD |
Transformer, for TI UCC3580, SMT, RoHS 100 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
EPC3168G-1 EPC3168G-1-LF EPC3168G-2 EPC3168G-2-LF |
SMPS TRANSFORMER LEAD FREE Flyback Power Transformer
|
PCA Electronics, Inc. NEC, Corp. PCA ELECTRONICS INC.
|
AS8456-A |
DSL transformer, for AD20MSP910/918, not RoHS TELECOM TRANSFORMER
|
Coilcraft, Inc.
|