PART |
Description |
Maker |
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
1119403 1119405 1119404 1119807 1119105 |
?FLEX CLASSIC 110 3G2 5 ?FLEX CLASSIC 110 5G2 5 ?FLEX CLASSIC 110 4G2 5 ?FLEX CLASSIC 110 7X0 75 ?FLEX CLASSIC 110 5G0 50M ?FleX创建经典110 5G0 5000
|
CDI Torque Products
|
ATF1504ASV-15QC100 ATF1504ASVL-20JI68 ATF1504ASV-1 |
Low-voltage, Complex Programmable Logic Device ATF1504ASV(L) [Updated 2/03. 29 Pages] 64 Macrocells with ISP. 3-volt and low power
|
Atmel Corp.
|
855659 |
110.592 Low-Loss Filter 1 FUNCTIONS, 110.592 MHz, SAW FILTER
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
RC5054 RC5054A |
Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
|
FAIRCHILD[Fairchild Semiconductor]
|
AT89LS52 AT89LS52-16JU |
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
AT89LS51 AT89LS5108 |
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
RC5052 RC5052M |
High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
|
Fairchild Semiconductor
|
PI6C3991J PI6C3991 PI6C3991-2J PI6C3991-5IJ PI6C39 |
3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
|
PERICOM[Pericom Semiconductor Corporation]
|
B59830C0160A070 |
Leaded Disks, Coated, 110 V 含铅磁盘,涂层,110
|
EPCOS AG
|