PART |
Description |
Maker |
NCV4269D1R2 NCV4269 NCV4269D1 NCV4269D2 NCV4269D2R |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and sense output. Output voltage 5.0 V. 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV4279A50D2R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4269C NCV4269CD150R2G NCV4269CD250R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
|
ON Semiconductor
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
MIC5306-2.8YD5 MIC5306 MIC5306-1.5YD5 |
150mA Micropower Cap Baseband LDO 1.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 From old datasheet system
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCV8506D2T33G |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCP699SN18T1G |
150 mA CMOS Low Iq LDO with Enable in TSOP−5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO5
|
ON Semiconductor
|
FAN2535S26X AN2535S285XNL |
150 mA CMOS LDO Regulator with Fast Start, Enable 2.85 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
FAIRCHILD SEMICONDUCTOR CORP
|
SI91821DH-AD-T1 SI91821DH-AD-T1-E3 SI91821 SI91821 |
Micropower 300-mA CMOS LDO Regulator With Error Flag 300毫安的CMOS LDO稳压器国旗错 Micropower 300-mA CMOS LDO Regulator With Error Flag 00毫安的CMOS LDO稳压器国旗错 RF/Coaxial Connector; RF Coax Type:BNC; Impedance:50ohm; Body Style:Straight Jack; Contact Material:Phosphor Bronze; Insulator Material:Teflon; Mounting Type:PC Board Edge RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|