PART |
Description |
Maker |
IRU1050CD IRU1050CM IRU1050CP IRU1050CT IRU1050 IR |
5A Adj LDO Linear Regulator in a TO-263 3-Leads package 5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1260 IRU1260CM IRU1260CP IRU1260CT IRU1260CMTR |
Dual 1A and 6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package Dual 1A and 6A Adj LDO Linear Regulator in a TO-263 7-Leads package DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1075CM IRU1075CP IRU1075CT IRU1075 |
7.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1030CD IRU1030CM IRU1030CT IRU1030 IRU1030CDTR |
3A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
IRU1015-33CD IRU1015-33CDTR IRU1015-33CP IRU1015-3 |
1.5A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1.5A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1.5A Fixed LDO Linear Regulator in a TO-263 3-Leads package 1.5A Fixed LDO Linear Regulator in a TO-220 3-Leads package
|
International Rectifier
|
CS5253B-8G CS5253B-8GDPR5G CS5253B-8 CS5253B-8GDP5 |
3A LDO 5-Pin 2.5V Fixed Linear Regulator for Remote Sense Applications 3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications Micropower 5V, 100mA Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ONSEMI[ON Semiconductor]
|
MSK5979HRHD MSK5979HRHS MSK5979HRHU MSK5979KRHD MS |
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
|
Anaren Microwave M.S. Kennedy Corporatio...
|
AAT3223IGU-2.8-T1 AAT3223IGU-3.3-T1 AAT3223 AAT322 |
250mA NanoPower⑩ LDO Linear Regulator with Power-OK 250mA NanoPower垄芒 LDO Linear Regulator with Power-OK 250mA NanoPower LDO Linear Regulator with Power-OK
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|