PART |
Description |
Maker |
IRU1050CD IRU1050CM IRU1050CP IRU1050CT IRU1050 IR |
5A Adj LDO Linear Regulator in a TO-263 3-Leads package 5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|
IRU1150CMTR IRU1150CPTR |
4A Adj LDO Linear Regulator in a TO-263 5-Leads package 4A Adj LDO Linear Regulator in a ULTRA THIN-PAK 5-Leads package
|
International Rectifier
|
IRU1206 IRU1206-18 IRU1206-18CD IRU1206-18CY IRU12 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 (IRU1206 - IRU1209) 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp. IRF[International Rectifier]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRU1010-18CD IRU1010-18CDTR IRU1010-18CP IRU1010-1 |
1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier
|
CS8120YD14 CS8120YDPR5 CS8120YTHA5 CS8120YTVA5 CS8 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO14 5.0 V, 300 MA LINEAR REGULATOR WITH RESET AND ENABLE 5V, 300mA Linear Regulator with RESETbar and ENABLEbar
|
ONSEMI[ON Semiconductor]
|
MAX4837 MAX4836 MAX4836-MAX4837 MAX4837EUT MAX4837 |
3.3 V, reset timeout: 1800 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, 500 mA LDO linear regulator with current-limiting switch 500mA LDO Linear Regulators with Current-Limiting Switch From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
AZ1086D-1.8E1 AZ1086D-1.5E1 AZ1086T-1.5E1 AZ1086T- |
1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 1.5A LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|