PART |
Description |
Maker |
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
DLSR106 DLSR108 DLSR1010 |
1.0A, 80V ultra fast recovery rectifier 1.0A, 60V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier 1 Amp Schottky Barrier Rectifier 60 to 100 Volts
|
MCC[Micro Commercial Components]
|
RKBPC2506 RKBPC2506W RKBPC1506 RKBPC1506W RKBPC150 |
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER 10,15,25,35早日康复桥式整流 IC FAN BUFF LV DUAL 1:10 52-LQFP 10152535A FAST RECOVERY BRIDGE RECTIFIER 10/15/25/35A FAST RECOVERY BRIDGE RECTIFIER
|
Microsemi, Corp. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
FFAF20U60DN FFAF20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
PDU620CT-13 PDU620CT PDU620CT1 PDU620CT-15 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 6A DUAL ULTRA-FAST RECOVERY RECTIFIER 6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
|
Diodes Incorporated
|