PART |
Description |
Maker |
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
25C320E/P 25C320E/SN 25C320E/ST 25C320E/ST14 25LC3 |
Fuses, 750mA 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 2A 125V F CHIP 1206 32K的SPI总线串行EEPROM SENSOR REFLECTIVE OBJECT 50MA 32K的SPI总线串行EEPROM LED 525NM ROUND GREEN 3MM 32K的SPI总线串行EEPROM 32K SPI Bus Serial EEPROM 32K的SPI总线串行EEPROM Fuses, 4A 125V F CHIP 1206 32K的SPI总线串行EEPROM Fuses, 5A 125V F CHIP 1206 IC Socket Test Clip Connector Type:Plunger Type RoHS Compliant: Yes SENSOR PHOTOLOGIC REFLECTIVE Transformers Only Module Connector Adapter; Convert From:Phone Jack; Convert To:Double Banana Plug; Body Material:Brass; Body Style:Straight RoHS Compliant: Yes Fuses, 375mA 125V F CHIP 1206 Binding Post; Current Rating:3A; Body Material:Phosphor Bronze; Color:Black; Voltage Rating:2500V Fuses, 1.25A 125V F CHIP 1206 Fuses, 1A 125V F CHIP 1206 Fuses, 3.5A 125V F CHIP 1206 Filter Module w/out Resistor Network Fuses, 1.5A 125V F CHIP 1206 Fuses, 2.5A 125V F CHIP 1206
|
Microchip Technology, Inc. Microchip Technology Inc.
|
CM30AD05-12H |
CIB Modules: 600V
|
Mitsubishi Electric Corporation
|
ADM1176 ADM1176-1ARMZ-R7 ADM1176-2ARMZ-R7 ADM1176E |
Hot Swap Controller and I2C? Power Monitor with Convert Pin Hot Swap Controller and I2C㈢ Power Monitor with Convert Pin
|
Analog Devices
|
MDF100A30 MDF_R100A30-50 MDF100A40 MDR100A50 MDF10 |
DIODE(NON-ISOLATED TYPE) R/A(M) JUMPER 1.32MM 300"GREY Right Angle Jumper; Connector Type A:AMC Plug; Connector Type B:AMC Plug; Cable Length:300mm; Body Plating:Silver; Color:Black; Insulator Material:PBT; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 二极管(非隔离型 RF Coaxial Connector Adapter; Convert From:QMA Plug; Convert To:SMA Jack; Body Material:Brass; Body Plating:White Bronze; Contact Material:Beryllium Copper; Contact Plating:Gold; Frequency:6GHz; Impedance:50ohm RoHS Compliant: Yes 二极管(非隔离型 From old datasheet system DIODE MODULE Diode with flat mounting base which is designed for use in various rectifier applications
|
Sanrex, Corp. http:// SANREX[SanRex Corporation]
|
QRE2412001 |
3 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts
|
Powerex Power Semiconductors
|
CM20MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
VUM85-05A |
3-Phase PFC Modules Rectifier Module for Three Phase Power Factor Correction 142.87 A, 500 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
ADM1191-2ARMZ-R71 |
Digital Power Monitor with Convert Pin and ALERTB O 数字电源监视器转换引脚和ALERTB
|
Analog Devices, Inc.
|
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|