PART |
Description |
Maker |
AS-30.000-20 |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
AS-30.000-20-SMD |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
AS-33.000-20-SMD |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
AS-12.288-20 |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
AS-16.9344-20-SMD AS-12.960-S-SMD AS-16.000-20-SMD |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
RALTRON[Raltron Electronics Corporation]
|
AS-25.000-14-SMD |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
AS-20.000-20 |
LOW PROFILE MICROPROCESSOR CRYSTAL
|
Raltron Electronics Corporation
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
TC-26 |
TUNING FORK QU ARTZ CRY STAL
|
RSG Electronic Components GmbH
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|