PART |
Description |
Maker |
TC652 TC653 TC652GAVUA TC653GAVUA TC652CAVUA TC653 |
Integrated Temperature Sensor & Brushless DC Fan Controller Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseB>Detect & Over-Temperature From old datasheet system Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseDetect & Over-Temperature Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense⑩Detect & Over-Temperature
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
ADM1031 ADM1031ARQ |
Complete, ACPI Compliant, Dual Channel C Remote Thermal Monitor with Integrated Fan Controller for two Independent Fans, Pin Compatible with the ADM1030 Intelligent Temperature Monitor and Dual PWM Fan Controller
|
AD[Analog Devices]
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
ASC7621QS24 ASC7621 |
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
|
ETC[ETC]
|
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
MAX6670 MAX6670AUB40 MAX6670AUB45 MAX6670AUB50 MAX |
Remote Temperature Switches with Integrated Fan Controller/Driver
|
Maxim Integrated Products
|
TC651BEUATR TC651BEV -TC650BDV -TC650ADUATR |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert 微型集成温度传感
|
STMicroelectronics N.V.
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
ECG2331 ECG2326 ECG2322 ECG2328 ECG2332 ECG2333 |
FAN AC 176X89 220V BALL, 420cfm TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 8A I(C) | TO-220VAR FAN AC 172X51 115V BALL, 106cfm TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | TO-247VAR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|47VAR FAN AC 180X65 115V BALL, 400cfm 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|甲一(c)|20 FAN AC 180X65 115V BALL, 340cfm 晶体管|晶体管|叩| 450V五(巴西)总裁| 8A条一c)| TO - 220AB现有
|
Vishay Intertechnology, Inc. NEC, Corp.
|
ECG2364 ECG2370 ECG2365 |
FAN AC 80X25 115/220V BALL, 18cfm FAN AC 80X25 220V BALL, 25cfm FAN AC 80X25 115/220V BALL, 13cfm 晶体管|晶体管|叩| 800V的五(巴西)总裁| 12A条一(c)|47VAR
|
EPCOS AG
|
MC681 MC686 MC684 MC685 MC661 MC688 MC689 MC680 MC |
Hex Inverter (MC66x) MHTL Integrated Circuits Dual J-K F-F (MC67x) MHTL Integrated Circuits (MC600 Series) INTEGRATED CIRCUITS (MC660 Series) MHTL Integrated Circuits (MC68x) MHTL Integrated Circuits Quad 3.125 Gbaud SERDES SPECIALTY MICROPROCESSOR CIRCUIT, PBGA324
|
List of Unclassifed Man... Freescale (Motorola) http:// List of Unclassifed Manufacturers N.A. Motorola, Inc ETC[ETC] Motorola Mobility Holdings, Inc.
|