PART |
Description |
Maker |
NS471Q6 NS471B5 |
RES THNFLM NET 9M OHM/900K OHM/90K OHM/9K OHM/900 OHM/100 OH - Bulk CNS 471 Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
|
Vishay Sfernice
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
74F3040 N74F3040N N74F3040D |
Dual 4-input NAND 30Ohm line driver Dual 4-input NAND 30 ohm line driver 双路4输入NAND 30欧姆的线路驱动器 Dual 4-input NAND 30 ohm line driver F/FAST SERIES, DUAL 4-INPUT NAND GATE, PDSO16 Dual 4-input NAND 30 W line driver
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DLW5BTN142SQ2L DLW5BTN501SQ2L DLW5BTN101SQ2L DLW5B |
CHOKE COMMON MODE 1400 OHM 2020 2 FUNCTIONS, 50 V, 1.5 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 4 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2020, 4 PIN CHOKE COMMON MODE 100 OHM 2020 2 FUNCTIONS, 50 V, 6 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2020, 4 PIN CHOKE COMMON MODE 1000 OHM 2020 2 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
AME8834AEIV250L AME8833AEEV285L AME8833BEEV285L AM |
High PSRR, 150mA CMOS LDO 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC -40 to 85 高PSRR50mA的CMOS LDO稳压 3-Line To 8-Line Decoders/Demultiplexers 16-TSSOP -40 to 85 高PSRR50mA的CMOS LDO稳压 RES CERAMIC COMP 22K OHM 1W 高PSRR50mA的CMOS LDO稳压 Quadruple Positive-Nand Gates With Schmitt-Trigger Inputs 14-TSSOP -40 to 85 高PSRR50mA的CMOS LDO稳压 High PSRR, 150mA CMOS LDO 高PSRR50mA的CMOS LDO稳压 3-Line To 8-Line Decoders/Demultiplexers 16-SSOP -40 to 85 3-Line To 8-Line Decoders/Demultiplexers 16-VQFN -40 to 85 3-Line To 8-Line Decoders/Demultiplexers 16-TVSOP -40 to 85 High PSRR/ 150mA CMOS LDO
|
AME, Inc. Analog Microelectronics
|
TK15408 TK15408M TK15408MTL_408 TK15408MTL TK15408 |
75 OHM VIDEO LINE DRIVER
|
TOKO[TOKO, Inc] TOKO Inc.
|
TK15411 TK15411M TK15411MTL TK15411MTL_411 TK15411 |
75 OHM VIDEO LINE DRIVER
|
TOKO Inc. TOKO[TOKO, Inc]
|
TK15415MTL TK15415MTL_415 TK15415 TK15415M TK15415 |
75 OHM VIDEO LINE DRIVER 75欧姆视频线驱动器
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
RJ45-6LC1-B RJ45-6LC1-S RJ45-6LC2-B RJ45-6LC2-S RJ |
TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT 典型插入损耗在DB线对地(阻带)在一50欧姆电路 TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT 典型插入损耗在DB线对地(阻带)在一0欧姆电路
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system
|
Fairchild Semiconductor
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|