PART |
Description |
Maker |
ADMC328YN-XXX-YY ADMC328TR-XXX-YY ADMC328YR-XXX-YY |
30MM FLUSH CLEAR PB SPRING RTRN 30MM FLUSH RED PB SPRING RTRN 30MM FLUSH BLACK PB SPRING RTRN 30MM FLUSH YELLOW PUB SPRING RTRN 28-Lead ROM-Based DSP Motor Controller with Current Sense 28 - ROM的铅基于DSP的电机控制器的电流检
|
Analog Devices, Inc.
|
46256LFRX |
Slide Switch; Circuitry:DPDT; Contact Current Max:3A; Switch Terminals:Solder Lug; Mounting Type:Solder Lug; Switch Features:Screwdriver-Slotted Flush Actuator RoHS Compliant: Yes SLIDE SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
Switchcraft, Inc.
|
2TP8-5 2TP8-51 2TP8-6 2TP8-21 2TP8-3 2TP8-61 2TP8- |
SWITCH - TOGGLE FLUSH KEY
|
Honeywell Accelerometers
|
MC74 MC74A5-33SNTR MC74A5-50T ONSEMICONDUCTOR-MC74 |
RELAY SWITCH; SMA RELAY SWITCH; FREQUENCY RANGE: DC-18 GHz; SWICH TYPE: TRANSFER; FEATURE: INDICATORS, LATCHING & SELF CUT OFF; ACTUATING VOLTAGE: 28; VSWR: 1.50:1 @ 18 GHz SERIAL DIGITAL TEMPERATURE SENSOR
|
ON Semiconductor
|
1241.7236.1117000 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
0685610014 |
1.27mm (.050) Pitch, Serial ATA Straight Latching-to-Straight Latching Signal Cable
|
Molex Electronics Ltd.
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
ST62E09LM6_EPROM ST62T08BB6/OTP ST62T10BM6/OTP ST6 |
Variable Resolution Resolver-to-Digital Converters; Package: PLCC; No of Pins: 44; Temperature Range: Industrial 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Belden Plenum Rated Coax Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Foil Plus Braid, Jacket: Foam Dielectric and Natural Flamarrest 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 BELDEN SHIELDED RISER MULTI-CONDUCTOR CABLE, WIRE SIZE: 22 AWG, NUMBER OF CONDUCTORS: 2, LENGTH: 500 FEET, CONDUCTOR MATERIAL: BARE COPPER STRANDED, SHIELDING: BELDFOIL, JACKET: PVC 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Slide Switch; Leaded Process Compatible:Yes; Contact Rating:4A; Mounting Type:PCB Straight Thru Hole; Switch Features:Miniature; Switch Function:DPDT RoHS Compliant: Yes 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 D52 - CONNECTOR ACCESSORY 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 Belden Shielded Riser Multi-Conductor Cable, Wire Size: 22 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC 8位单片机与微控制 D转换器,两个定时器,振荡器保管好 CONNECTOR ACCESSORY 连接器附 Slide Switch; Circuitry:DPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 2.6X2.6X1.6,1 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Slide Switch; Circuitry:DPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 7.1X4.7X3.5,1 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Categories:UL Listed RoHS Compliant: Yes Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes BOX ABS WATERTIGHT 4.7X3.5X2.4,1 BOX ABS WATERTIGHT 4.7X4.7X2.4,1 Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Flush Actuator RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes BOX ABS WATERTIGHT 6.3X3.5X3.5,1 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes LED GREEN CLEAR 1206 SMD Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Actuator RoHS Compliant: Yes ER 4C 4#8 PIN RECP WALL SLIDE SWITCH, DPDT, TOP BUTTON; Switch function type:DPDT; Current, contact DC max:1A; Height, max:11mm; Width, external:14mm; Depth, external:12.5mm; Current, contact AC:2A; Current, contact AC max:4A; Material, contact:Silver; RoHS Compliant: Yes Slide Switch; Circuitry:SPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Actuator Style:Vertical Flush; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Vertical Flush Actuator RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:46pF/ft RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 22 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
|
Solid State Devices, Inc. STMicroelectronics N.V. 意法半导
|
TC74 TC74A5-33VAT TC74A5-33VCT TC74A5-50VAT TC74A5 |
Tiny Serial Digital Thermal Sensor Tiny Serial Digital Thermal Sensor 微型串行数字温度传感 SMT-INDUCTOR 2220 1000 UH 10% RELAY SWITCH; SMA RELAY SWITCH; FREQUENCY RANGE: DC-18 GHz; SWICH TYPE: TRANSFER; FEATURE: INDICATORS & PULSE LATCHING; ACTUATING VOLTAGE: 28; VSWR: 1.50:1 @ 18 GHz
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
CR-59SX60 CCR-59S75C-S CCR-59S75C-M CCR-59S75C-T C |
Latching Coaxial Switch
|
Teledyne Technologies I...
|
MAX835 MAX835EUK-T MAX834EUK-T MAX834 |
Micropower / Latching Voltage Monitors in SOT23-5 Micropower, Latching Voltage Monitors in SOT23-5 From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
1220 |
Flush Mount
|
Foxboro
|
|