PART |
Description |
Maker |
CMLT2907A |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL PNP SILICON TRANSISTORS SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
CFMS4 |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
|
Central Semiconductor Corp
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
CMHD4150 |
SURFACE MOUNT HIGH SPEED SWITCHING DIODE 0.25 A, 50 V, SILICON, SIGNAL DIODE SURFACE MOUNT HIGH SPEED SWITCHING DIODE
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
CMPD415010 |
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp
|
BL-HJD36A BL-HUB36A BL-HG436A BL-HY036A BL-HA136A |
Bluish green, 30 mA, surface mount chip LED lamp Pure green, 30 mA, surface mount chip LED lamp SURFACE MOUNT CHIP LED LAMPS 表面贴装芯片LED节能 4-Bit Magnitude Comparator 16-SOIC -55 to 125 表面贴装芯片LED节能 High Speed CMOS Logic Quad 2-Input Exclusive-OR Gates 14-SOIC -55 to 125 表面贴装芯片LED节能 Yellow, 30 mA, surface mount chip LED lamp
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
DA119 |
Diode / Array / High Speed Switching / Surface Mount
|
Rohm
|
CMDD444810 CMDD4448-15 |
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp Central Semiconductor C...
|
2N2894ACSM08 |
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Seme LAB
|