PART |
Description |
Maker |
ZR78L04N8 ZR78L028N8 ZR78L057G ZR78L057C ZR78L06G |
Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-21 Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-41 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-25 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 4.85 V FIXED POSITIVE REGULATOR, PDSO4 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 2.85 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 3.3 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 8.5 V FIXED POSITIVE REGULATOR, PDSO4
|
Zetex Semiconductor PLC
|
SY89230U SY89231U SY89229U SY89228UMG SY89228UMGTR |
1GHz Precision, LVPECL ÷3, ÷5 Clock Divider with Fail-Safe Input and Internal Termination 1GHz Precision, LVPECL 梅3, 梅5 Clock Divider with Fail-Safe Input and Internal Termination 1GHz Precision, LVPECL ±3, ±5 Clock Divider with Fail-Safe Input and Internal Termination
|
Micrel Semiconductor
|
SY89876LMG SY89876LMGTR SY89876LMI SY89876LMITR SY |
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
|
MICREL[Micrel Semiconductor]
|
SY89873LMG SY89873LMGTR SY89873LMI SY89873LMITR SY |
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
|
MICREL[Micrel Semiconductor]
|
NB7L86M |
2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination(带CML输出和内部终端的2.5V/3.3V 12Gb/s差分时钟/数据智能门极)
|
ON Semiconductor
|
HWB3163-EVAL FN4794 |
PRISM II?/a> 11Mbps Wireless Local Area Network PC Card PRISM II⑩ 11Mbps Wireless Local Area Network PC Card From old datasheet system PRISM II 11Mbps Wireless Local Area Network PC Card PRISM II11Mbps Wireless Local Area Network PC Card
|
Intersil Corporation
|
LOUIS-50 |
Termination DIN 50?/a> DC to 2 GHz Termination DIN 50 DC to 2 GHz From old datasheet system Termination DIN 50з DC to 2 GHz 0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
MINI[Mini-Circuits]
|
MAX6642ATT9E-T MAX6642 MAX6642ATT90-T MAX6642ATT92 |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm 【1∑C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC2996 E000781 |
TRANSISTOR (FM/AM/ RF/ MIX/ LOCAL/ IF HIGH FREQUENCY AMPLIFIER APPLICATIONS) From old datasheet system FM / AM, RF, MIX, LOCAL, IF HIGH FREQUENCY AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|