PART |
Description |
Maker |
MIC2215-MMMBML MIC2215-PPGYML MIC2215-PPPBML MIC22 |
Triple High PSRR, Low Noise μCap LDO TRIPLE OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, QCC16
|
Micrel Semiconductor MICREL INC
|
LT1947 LT1947EMS |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Adjustable Output TFT-LCD Triple Switching Regulator
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LM317M ON0307 LM317MBSTT1 |
From old datasheet system Three-Termlnal Adjustable Output Posltlve Voltage Regulator Three-Terminal Adjustable Output Positive Voltage Regulator
|
ON Semiconductor
|
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IDT74LVC11ADC IDT74LVC11APY IDT74LVC11A IDT74LVC11 |
Adjustable Precision Shunt Regulator 8-SOIC -40 to 85 Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85 3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
B25671A5287A37509 B25671A5287A375 |
Film Capacitors - Powe Factor Correction PoleCap capacitor
|
EPCOS
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
AD8123ACPZ-RL AD8123 AD8123ACPZ-R2 AD8123ACPZ-R7 |
Triple Differential Receiver with Adjustable Line Equalization
|
AD[Analog Devices]
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
NCV317MBDTG LM317MBDTG |
500mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 500 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2
|
ON Semiconductor
|
T6818 T6818-TUQ T6818-TUS T6828-TUS T6828-TUQ T682 |
40-V triple halfbridge driver Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL 2 A HALF BRIDGE BASED PRPHL DRVR, PDSO14 Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL Halfbridge的DMOS输出驱动器,串行输入控制
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|