PART |
Description |
Maker |
MMSZ2V4CW09 MMSZ18VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
V120MLA1210 V18MLA1210 V26MLA1210 V30MLA1210 V30ML |
Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 30VDC, 25VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 12VDC, 9.0VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 14VDC, 10VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 68VDC, 50VAC. 13in diameter reel. Multilayer Transient Voltage Surge Suppressors 多层瞬态电压浪涌抑制器 Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 5.5VDC, 4.0VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 48VDC, 40VAC. 7in diameter reel. Multilayer Transient Voltage Surge Suppressors Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 13in diameter reel.
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SMCJ120 SMCJ36A SMCJ110 SMCJ9.0 SMCJ30A SMCJ18A SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
1.5SMC 1.5SMC100A 1.5SMC6.8A-E3_57T 1.5SMC6.8A-E3_ |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
L2TVS28A L2TVS26A L2TVS22A L2TVS150A L2TVS78A L2TV |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
|
GOOD-ARK Electronics
|
SMBJ16CA SMBJ58CA SMBJ36A SMBJ7.5C SMBJ11C SMBJ11C |
SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR CMOS Presettable BCD Up/Down Counter 16-SO -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 表面贴装瞬态电压抑制器 CONNECTOR ACCESSORY
|
Bytes General Semiconductor
|
MMSZ75VCW MMSZ7V5CW MMSZ5V1CW MMSZ3V6CW MMSZ68VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ5226BW MMSZ5224BW MMSZ5235BW MMSZ5239BW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
SMAJ40A SMAJ22 SMAJ9.0DC SMAJ9.0ADC SMAJ100 SMAJ8. |
1.2 mA surface mount transient voltage suppressor 1.5 mA surface mount transient voltage suppressor 1.6 mA surface mount transient voltage suppressor 1.7 mA surface mount transient voltage suppressor Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:16-35 RoHS Compliant: No TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 技术参数表面贴装瞬态电压抑制器 Circular Connector; No. of Contacts:61; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-61 RoHS Compliant: No 1.9 mA surface mount transient voltage suppressor 1.3 mA surface mount transient voltage suppressor 1.1 mA surface mount transient voltage suppressor 1.0 mA surface mount transient voltage suppressor
|
DC Components Co., Ltd.
|
SMCG43A SMCJ75 SMCJ58A |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
|
MICROSEMI[Microsemi Corporation]
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|