PART |
Description |
Maker |
HVR1X3 HVR1X4 HVR-1X-3 HVR-1X-4 |
High Voltage Power Dioes Standard and Ultra Recovery 高压电源Dioes标准和超恢复
|
Electronic Theatre Controls, Inc. etc
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
MAX40-110CA MAX40-150CA MAX40-100CA MAX40-90CA MAX |
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
|
MDE Semiconductor, Inc.
|
TDA75610S-8ZX TDA75610S-QLX |
Low voltage operation, high efficiency (class SB), intelligent, quad BTL output power amplifier with full I2C diagnostics including tweeter detection and hardware stand-by/mute
|
ST Microelectronics
|
5KP210A 5KP130A 5KP200A 5KP36 5KP6.0A 5KP8.5A 5KP9 |
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
|
GOOD-ARK Electronics
|
SACB22 SACB7.0 |
Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
|
StarHope
|
BDA224P BDA218P BDA234P BDA236P |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:45V; Breakdown Voltage, Vbr:50V; Peak Pulse Power PPK @ 10x1000uS:500W; Package DIODE TVS 33V 500W UNI-DIR DIODE TVS 6.0V 500W BI-DIR TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:6.5V; Breakdown Voltage, Vbr:7.22V; Peak Pulse Power PPK @ 10x1000uS:500W; Package/Case:DO-204AC; Leaded Process Compatible:Yes 500毫升塑料BECHERGLAS
|
Panasonic, Corp.
|
TECC36A TECC40A TECC28A |
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
|
StarHope
|
256713 92110 256709 256708 256710 |
FLOOR STAND-BLANK FLOOR STAND-SLIPP.WHEN WET 308ksps ADC with DSP Interface and 78dB SINAD 经济FL.STAND - 2双面 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 落地支架,闲人免 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 经济FL.STAND - 2双面
|
Maxim Integrated Products, Inc. Molex, Inc.
|
SMBJ36CA |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
Concord Semiconductor Corp
|
3KP |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
|
StarHope
|