PART |
Description |
Maker |
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
FQN1N50CBU |
500V N-Channel MOSFET; Package: TO-92; No of Pins: 3; Container: Bulk 380 mA, 500 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Fairchild Semiconductor, Corp.
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
IRF430 |
4.5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA 4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
Intersil Corporation
|
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
FQU1N50B FQD1N50B FQU1N50 |
500V N-Channel MOSFET 1.1 A, 500 V, 9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQB9N50CFTM |
500V N-Channel MOSFET 9 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
FQA13N50CF |
500V N-Channel MOSFET 15 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQI13N50CTU |
500V N-Channel Advance Q-FET C-Series; Package: TO-262(I2PAK); No of Pins: 3; Container: Rail 13 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp.
|
UF840L-TF3-T UF840 UF840L-TA3-T UF840-TA3-T UF840- |
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FQP10N50CF FQPF10N50CF FQP10N50CF08 |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail 500V N-Channel MOSFET Improved dv/dt capability
|
FAIRCHILD SEMICONDUCTOR CORP
|
|