PART |
Description |
Maker |
S310 |
SURFA CE MOUN T SCHOTTKY BARRIER RECTIFIER
|
Gaomi Xinghe Electronics Co., Ltd.
|
JHV3480 JHV34 JHV3412 JHV3416 JHV3420 JHV3424 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 46; IFSM (A): 800; Vrwm (V): 8000; IR (µA): 6000; 12 A, SILICON, RECTIFIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LHV37 LHV37D12 LHV37D16 LHV37D20 LHV37D24 LHV37D28 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 75; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; High Voltage Rectifier Assembly
|
MICROSEMI CORP-COLORADO Microsemi Corporation http://
|
GI751 GI756 GI750 GI752 GI758 GI754 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x25 mm; Packaging: Bulk High Voltage Plastic Rectifier(高压塑胶整流 HIGH CURRENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
STTH8L06 STTH8L06G STTH8L06G-TR STTH8L06DIRG |
TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STTH60L06TV06 STTH60L06TV2 STTH60L06TV1 |
40 A, 600 V, SILICON, RECTIFIER DIODE Turbo 2 ultrafast high voltage rectifier Turbo 2 ultrafast high voltage rectifier
|
STMicroelectronics
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
USS75 USB UFB7.5 USB7.5 UFB2.5 UFS7.5 USS7.5 UFB75 |
RECTIFIERS ASSEMBLIES High Voltage Rectifier Standard Rectifier (trr more than 500ns)
|
Microsemi
|