PART |
Description |
Maker |
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
SD803C04S10C SD803C08S10C SD803C10S10C SD803C12S15 |
800V Fast Recovery Diode in a B-43 (E-Puk) package 1000V Fast Recovery Diode in a B-43 (E-Puk) package 1200V Fast Recovery Diode in a B-43 (E-Puk) package 1400V Fast Recovery Diode in a B-43 (E-Puk) package 1600V Fast Recovery Diode in a B-43 (E-Puk) package
|
International Rectifier
|
SD153N10S10PV SD153N12S15PV SD153N14S15PV SD153N16 |
1000V Fast Recovery Diode in a DO-205AC (DO-30) package 1200V Fast Recovery Diode in a DO-205AC (DO-30) package 1400V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package
|
International Rectifier
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
10ETF10STRR 10ETF10STRL |
1200V Fast Recovery Diode in a D2-Pak package
|
International Rectifier
|
20ETS12STRR 20ETS08 20ETS08S 20ETS08STRL 20ETS08ST |
INPUT RECTIFIER DIODE 1200V 20A Std. Recovery Diode in a D2-Pakpackage 1200V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package 20ETS12/20ETS12S 800V 20A Std. Recovery Diode in a D2-Pakpackage 800V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package From old datasheet system SURFACE MOUNTABLE INPUT RECTIFIER DIODE
|
InternationalRectifier IRF[International Rectifier]
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|
HFA16PB120 |
1200V 16A HEXFRED Discrete Diode in a TO-247 (2 LEAD) package Ultrafast, Soft Recovery Diode HEXFRED HEXFREDTM Ultrafast, Soft Recovery Diode Ultrafast/ Soft Recovery Diode HEXFRED XC95216-15HQ208I - NOT RECOMMENDED for NEW DESIGN 超快,软恢复二极管HEXFRED二极
|
IRF[International Rectifier] International Rectifier, Corp.
|