PART |
Description |
Maker |
100360PC 100360QC 100360 100360QI 100360QCX 100360 |
Low Power Dual Parity Checker/Generator From old datasheet system Parity Generator/Checker 100K SERIES, 9-BIT PARITY GENERATOR/CHECKER, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC10H301 MC10H301FN MC10H301L MC10H301P |
Dual 4-Bit Parity Checker Plus 2-Bit Exclusive or Gate
|
Motorola, Inc
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SSTU32866EC_G SSTU32866EC SSTU32866EC/G SSTU32866E |
1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|
74ABT853 74ABT853D 74ABT853DB 74ABT853N 74ABT853PW |
8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SSTUA32866 SSTUA32866EC SSTUA32866EC_G SSTUA32866E |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|
IDT74ALVCH16903 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD 3.3V的CMOS 12位通用总线驱动器,带有奇偶校验器,双程三态输出和总线状态保
|
Integrated Device Technology, Inc.
|
74AC241SCX 74ACT241SC 74ACT241SJX 74AC241 74AC241M |
Octal Transceiver With Parity Generator/Checker and 3-State Outputs 24-PDIP 0 to 70 ACT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal Buffer/Line Driver with 3-STATE Outputs AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
W25X40A W25X40AVZPIG W25X20A |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|