PART |
Description |
Maker |
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR4N TFR4T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
FFM107 FFM101 FFM102 FFM103 FFM104 FFM105 FFM106 |
Fast recovery type
|
FORMOSA[Formosa MS]
|
RM20C1A-XXF RM20DA/CA/C1A-XXF RM20CA-XXF RM20DA-XX |
FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE INSULATED TYPE Fast Recovery Diode Modules, F Series (for Bipolar speed switching)
|
Mitsubishi Electric Corporation
|
RM50C1A-XXF RM50DA/CA/C1A-XXF RM50CA-XXF RM50DA-XX |
FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE INSULATED TYPE Fast Recovery Diode Modules, F Series (for Bipolar speed switching)
|
Mitsubishi Electric Corporation
|
SFM36 SFM31 SFM32 SFM33 SFM34 SFM35 |
Super fast recovery type
|
FORMOSA[Formosa MS]
|
FFM103-M FFM101-M FFM102-M FFM105-M FFM104-M FFM10 |
Fast recovery type 快速恢复类
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd. 缇?附寰??瀵间???????
|