PART |
Description |
Maker |
JXMBOH-T-800-2500-25 JXMBOH-T-800-2500-30 |
Air Dielectric Directional Coupler (25dB, 30dB)
|
American Accurate Components, Inc.
|
RDXA-R2180-T1690A RDXA-R1855-T1765A RDXA-R2385-T23 |
Dielectric Ceramic Filters and Duplexers 介质陶瓷滤波器和双工 Dielectric Ceramic Filters and Duplexers 841 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 942.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 947.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2385 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2800 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 852 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 813 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 881.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 808 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2140 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1310 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1930 MHz, DIELECTRIC BPF
|
Raltron Electronics, Corp. Vectron International, Inc.
|
OPI155 |
High Speed Op tically Cou pled Isolator
|
Optek Technology OPTEK[OPTEK Technologies]
|
0734040140 |
75 Ohms, SMB Air Dielectric, Bulkhead Edge Mount Jack Receptacle
|
Molex Electronics Ltd.
|
AD8-0000-E10 AD9-0000-E10 AD8-0001-E01 AD9-0001-E0 |
Ultrasonic air bubble and air-in-line sensors
|
Sensortechnics GmbH
|
4DFB-1950L-10 |
Dielectric Filters for Surface Mounting DIELECTRIC BPF
|
TOKO, Inc.
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
GA3095-ALB GA3094-ALC |
RF inductor, air core, for Freescale MRF6V, 5% tol, SMT, RoHS 1 ELEMENT, 0.0175 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, for Freescale MRF6V, 5% tol, SMT, RoHS 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
6DFSD-881E-12T |
Dielectric Filters DIELECTRIC BPF
|
TOKO, Inc.
|
DF2C836P25 DF2C912P04A DF2C912P04B DF2C914P01 DF2C |
Dielectric Devices Dielectric Filters (DF)
|
AEL Crystals Ltd
|
DRD0430191B20Z0T DRD0650288B40A0T DRD0990438B00A0T |
DISC TYPE DIELECTRIC RESONATOR, 14300 MHz - 15530 MHz DISC TYPE DIELECTRIC RESONATOR, 9440 MHz - 10260 MHz DISC TYPE DIELECTRIC RESONATOR, 6210 MHz - 6750 MHz DISC TYPE DIELECTRIC RESONATOR, 7330 MHz - 7970 MHz
|
MURATA MANUFACTURING CO LTD
|