PART |
Description |
Maker |
M55155/057H03 4501B-4 4502C-10 4502C-14 4502C-113 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
TA79L06F TA79L09F TA79L12F TA79L24F TA79L05F TA79L |
Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -20V Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -10V
|
TOSHIBA
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
570-2256 570-2256-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Insulated solder terminal, Turreted
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
SRC-51T-M3.5 SRC-50T-M3.5 SRA-01T-3.2 SRA-20-3.2 S |
RING TONGUE TERMINAL 0.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
List of Unclassifed Manufacturers J S T MFG CO LTD
|
120-1372 120-1372-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
572-4839 572-4839-01-01-16 |
BRASS, SILVER FINISH, PCB TERMINAL Insulated solder terminal, Turreted
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
|