PART |
Description |
Maker |
SP6831EK SP6831EK_TR SP6831TR SP6830 SP6830EK SP68 |
Low Power Voltage Inverters With Shutdown CONNECTOR, BATTERY, 5WAY; Depth, external:2.4mm; Length / Height, external:5mm; Width, external:5mm; Cells, No. of:1; Connector type:MOBO Reduced Size Battery Connector; Current rating:3A; Life, mechanical:5000 Cycles; Pitch, RoHS Compliant: Yes
|
SIPEX[Sipex Corporation]
|
21020-0098 21020-0298 21020-0099 21020-0399 21020- |
0.5MM FFC JUMPER 210200098 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200298 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:76mm; Pitch Spacing:0.5mm; Number of Contacts:10 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200399 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200199 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200393 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200208 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:30mm; Pitch Spacing:0.5mm; Number of Contacts:20 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200141 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:102mm; Pitch Spacing:0.5mm; No. of Contacts:6 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:51mm; Pitch Spacing:0.5mm; Number of Contacts:6 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200368 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200335 INTERCONNECTION DEVICE Flat / Ribbon Cable; Cable Length:1.18"; Pitch Spacing:0.5mm; Color:White; Current Rating:0.5A; Number of Contacts:40; Number of Conductors:40 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200307 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200353 INTERCONNECTION DEVICE CABLE FLAT FLEX 4 .50MM 40 POS INTERCONNECTION DEVICE CABLE FLAT FLEX 5 .50MM 10 POS INTERCONNECTION DEVICE CABLE FLAT FLEX 2 .50MM 24 POS INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200184 INTERCONNECTION DEVICE 210200436 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200140 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200380 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200423 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200131 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:203mm; Pitch Spacing:0.5mm; Number of Contacts:30 INTERCONNECTION DEVICE FFC Jumper Cable; Cable Length:30mm; Pitch Spacing:0.5mm; Number of Contacts:30 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200413 INTERCONNECTION DEVICE CABLE FLAT FLEX 6 .50MM 24 POS INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200384 INTERCONNECTION DEVICE 210200318 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200192 INTERCONNECTION DEVICE 0.5MM FFC JUMPER 210200394 0.5MM FFC JUMPER 210200121 0.5MM FFC JUMPER 210200224 0.5MM FFC JUMPER 210200264 0.5MM FFC JUMPER 210200342
|
TE Connectivity, Ltd. Molex, Inc. Rabbit Semiconductor MOLEX INC
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
250040MA003XX00XX 250040MA004XX00XX 250040MA005XX0 |
2.5mm PITCH BATTERY CONNECTOR
|
SUYIN USA, INC.
|
FA10 |
0.5mm Pitch FPC Connector
|
Japan Aviation Electron...
|
250233MR |
2.5mm PITCH BATTERY MALE CONNECTOR
|
SUYIN USA, INC.
|
30FLT-SM2-TB 30FLT-SM2-TBLFSN 32FLT-SM2-TB 20FLT-S |
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
DF1-16S-2.5R28 DF1-16S-2.5R26 |
2.5mm Pitch Connector for Discrete Wire Connection
|
http://
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
M22-2013905 M22-2012505 M22-2013646 M22-2014646 M2 |
2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39-way 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 25-way 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 36-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 46-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 16-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 27-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 28-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 49-way
|
Harwin PLC HARWIN INC
|
87437-1273 87437-0243 87437-0873 87437-0743 87437- |
1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG connector 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG CONN HEADER 7POS 1.5MM VERT SMD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Blk /Cap T&R 2.56SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 14Ckt 1.50MM PITCH, W-T-B HEADER, VERTICAL, SMT
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
|