PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
MC33460 MC33460SQ-09ATR MC33460SQ-20ATR MC33460SQ- |
Under Voltage Detector Series From old datasheet system SCREW MACHINE PHIL 6-32X1/4 SS Under Voltage Detector Series 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
ONSEMI[ON Semiconductor]
|
BD48L23FVE-TL BD48L23FVE-TR BD48L23G-TR BD48L23G-T |
Standard CMOS Voltage Detector IC Standard CMOS Voltage Detector IC High accuracy detection, Ultra-low current consumption
|
Rohm
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
MAX6840 MAX6839 MAX6838 MAX6837 MAX6836 MAX6835 MA |
1.575 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit 16-Bit Shift Registers 24-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators 20-LCCC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 超低电压SC70封装电压检测器和レP复位电路 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and µ.P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and μP Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?? Reset Circuits 1.050 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.575 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.050 V, 219 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
BU4830F-TR |
Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
XC6408DD03PR-G XC6408DD06ER-G XC6408DD06MR-G XC640 |
28V Operation Voltage Regulator with Voltage Detector
|
Torex Semiconductor
|
MDT7820ST23 |
Voltage Detector
|
Micon Design Technology Corporation Micon Design Technology...
|
AZ7023R AZ7023R-E1 AZ7023RTR AZ7023RTR-E1 AZ7023Z |
VOLTAGE DETECTOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
S-8054ALB S-8054ALO S-8054ALR S-8054ALY S-8054HN S |
VOLTAGE DETECTOR
|
ETC[ETC]
|
BD4924FVE BD4927FVE BD4932FVE BD4923FVE BD4925FVE |
Voltage Detector IC
|
ROHM[Rohm]
|