PART |
Description |
Maker |
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
T40HFL100S02 T40HFL100S05 T85HFL100S02 T85HFL100S0 |
100V Fast Recovery Diode in a T-Module package 600V Fast Recovery Diode in a T-Module package 400V Fast Recovery Diode in a T-Module package 1000V Fast Recovery Diode in a T-Module package FAST RECOVERY DIODES
|
IRF[International Rectifier]
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
70EPF12J 70EPF10 70EPF10J 70EPF12 70EPF08 |
1200V Fast Recovery Diode in a PowIRtab package 1000V Fast Recovery Diode in a PowIRtab package 800V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
ES2X-13-F ES2XA-13-F ES2B-13-F ES2AA |
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 2A 100V 50A-ifsm 0.92V-vf 25ns 5uA-ir SMB 3K/REEL-13 2 A, 100 V, SILICON, RECTIFIER DIODE Glass Passivated Die Construction
|
Diodes Incorporated Diodes, Inc.
|
40EPF06 40EPF02 40EPF04 |
600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC (2-Pin) package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|
DHG40C1200HB |
Sonic Fast Recovery Diode High Perfromance East Recovery Diode Low Lss and Soft Recovery Common Cathode
|
IXYS Corporation
|