PART |
Description |
Maker |
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
AZ2940T-5.0E1 AZ2940D-2.5 AZ2940T-3.3E1 |
1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, SFM3 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器
|
BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
MAX886EUK25 MAX886EUK28 MAX886EUK29 MAX886EUK30 MA |
From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23 Low-Noise / Low-Dropout / 150mA Linear Regulators in SOT23 CONNECTOR ACCESSORY 连接器附
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|