PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTC113TUA DDTC123TUA DDTC113TUA2 DDTC113TUA-7-F D |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
MMDTA42-7-F |
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 500 mA, 300 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DMMT3904W-7-F |
MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTC123EKA DDTC114EKA DDTC123EKA2 DDTC124EKA DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
61090-300 61090 61090-001 61090-002 61090-101 6109 |
SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 11C 11#12 SKT PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
2DC2412R |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
|