PART |
Description |
Maker |
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MAX9321AEKA |
Differential LVPECL/LVECL/HSTL Receiver/Drivers
|
MAXIM - Dallas Semiconductor
|
MC100EP14-D |
3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
|
ON Semiconductor
|
SY89823LHITR SY89823LHY SY89823L08 SY89823LHYTR |
3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
|
Micrel Semiconductor
|
8624BYILF 8624BYILFT 8624BYIT ICS8624I |
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
|
Integrated Device Technology
|
MAX9315 |
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
|
MAXIM - Dallas Semiconductor
|
PO100HSTL32A PO100HSTL32ASR PO100HSTL32ASU |
Quad Differential LVDS/LVPECL/HSTL to LVTTL Translator
|
Potato Semiconductor Corporation
|
ICS8521 |
Low Skew, 1-to-9, Differential-to- HSTL Fanout Buffer. VOHmax=1.4V
|
ICS
|
211AI01L |
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER 低偏移,1差分至HSTL扇出缓冲
|
Electronic Theatre Controls, Inc.
|
SK10EP111 |
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
|
Semtech Corporation
|