PART |
Description |
Maker |
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
AZH16VS AZ100EL16VSD AZ100EL16VSL |
ECL/PECL Differential Receiver with Variable Output Swing ECL / PECL的差分接收器输出变秋
|
Arizona Microtek, Inc.
|
AZ10/100EP16VSL AZ100EP16VSD |
ECL/PECL Differential Receiver with Variable Output Swing ECL / PECL的差分接收器输出变秋
|
Arizona Microtek, Inc. Electronic Theatre Controls, Inc.
|
AZ100E116FN AZ10E116 |
ECL/PECL Quint Differential Line Receiver ECL / PECL的昆特差分线路接收器
|
Arizona Microtek, Inc.
|
MC10EL57 |
5VECL 4:1 Differential Multiplexer(5VECL 4:1差分多路复用
|
ON Semiconductor
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
TA8552AFN EE08637 |
From old datasheet system PLL DATA SYNCHRONIZER FOR DAT STREANER PLL DATA SYNCHRONIZER FOR DAT STREAMER
|
TOSHIBA[Toshiba Semiconductor]
|
HA12133MP |
PRE, REC, eguallzer IC for R-DAT PRE,REC,EQUALLZER IC FOR R-DAT
|
Hitachi Semiconductor
|
MAX9427 MAX9424 MAX9425 MAX9426 MAX9424EGJ MAX9424 |
Lowest Jitter Quad PECL-to-ECL Differential Translators QUAD PECL TO ECL TRANSLATOR, COMPLEMENTARY OUTPUT, CQCC32
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
P6SMBJ36 P6SMBJ13 P6SMBJ90A P6SMBJ10 P6SMBJ100 P6S |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Unidirectional and bidirectional Transient Voltage Suppressor diodes 3.3V / 5VECL 8-Bit Serial/Parallel Converter; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Rail; Qty per BBG ECL GATE OR/NOR QUAD; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Rail; Qty per Container: 92 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 5V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3.3V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 1:2 Fanout Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100
|
SEMIKRON[Semikron International]
|
MC100ELT25DT |
Differential -5V ECL To TTL Translator
|
ON Semiconductor
|