PART |
Description |
Maker |
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CY101E383 101E383 |
ECL/TTL/ECL Translator and High-Speed Bus Driver From old datasheet system
|
Cypress
|
MC10EL34 |
5V ECL ÷2、、6 Clock Generation Chip(5V ECL ÷2、、6 时钟发生器芯
|
ON Semiconductor
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC10H601FN MC10H601FNG MC10H601FNR2 MC10H601FNR2G |
9-Bit ECL-TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 9−Bit ECL to TTL Translator
|
ONSEMI[ON Semiconductor]
|
MC10EL33D MC10EL33DG MC10EL3306 MC100EL33DR2 MC100 |
5V ECL ÷4 Divider(5V ECL ÷4分频 5V ECL ±4 Divider
|
ONSEMI[ON Semiconductor]
|