PART |
Description |
Maker |
LM317M ON0307 LM317MBSTT1 |
From old datasheet system Three-Termlnal Adjustable Output Posltlve Voltage Regulator Three-Terminal Adjustable Output Positive Voltage Regulator
|
ON Semiconductor
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
MAX830 MAX830CWE MAX830-MAX833 MAX831CWE MAX832CWE |
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators 1.2 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO16 5V/3.3V/3V/Adjustable-Output 1A Step-Down PWM Switch-Mode DC-DC Regulators 5V/3.3V/3V/Adjustable-Output / 1A / Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
ET-IL317L |
100 mA Adjustable output Positive Voltage Regulator 100 mA Adjustable Output Positive VoltageRegulator
|
Estek Electronics Co. Ltd
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
ADM697 ADM696 ADM696AR ADM696AN |
Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP16 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 P Supervisor with Backup Battery Switchover, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current P Supervisor with Chip Enable Signals, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current
|
Analog Devices, Inc.
|