PART |
Description |
Maker |
L9733XP L9733 |
Octal self configuring Low/High side driver
|
STMICROELECTRONICS[STMicroelectronics]
|
AN2551 |
Configuring the STR91xFA MCU for optimum CPU performance
|
STMicroelectronics
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
74LCX540MTC 74LCX540WM 74LCX540 74LCX540BQX 74LCX5 |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TLE7230R TLE7230R05 |
Smart Octal Low-Side Switch Low Quiescent Current 10渭A Overvoltage
|
Infineon Technologies AG
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC7MBL3245SFTG |
Low Voltage/Low Capacitance Octal Bus Switch
|
Toshiba Semiconductor
|
TLE6236G |
Smart Low Side Switches - Smart Octal Lowside Switch, DSO 28-1 Smart Octal Low-Side Switch
|
INFINEON[Infineon Technologies AG]
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
74LVQ374 74LVQ374_01 74LVQ374QSC 74LVQ374SC 74LVQ3 |
Low Voltage Octal D Flip-Flop with 3-STATE Outputs From old datasheet system Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
P6KE200A P6KE47A P6KE51A P6KE30A P6KE56A P6KE33A P |
ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Octal Buffers and Line Drivers with 3-State Outputs 20-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Single Output LDO, 200mA, Fixed(1.8V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 Octal Line Driver/MOS Driver with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 1.5 GHz to 2.5 GHz Quadrature Modulator 16-VQFN -40 to 85 Low-Noise Fast-Transient-Response 1.5-A LDO Regulator 5-DDPAK/TO-263 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 From old datasheet system Zener Transient Voltage Suppressors Undirectional and Bidirectional
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] ON Semiconductor
|