PART |
Description |
Maker |
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP1111ANZ-5 ADP1111ARZ-5-REEL ADP1111ARZ-12-REEL |
Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MDT10P74L11 |
8-bit micro-controlle
|
Micon Design Technology...
|
MAX1626 MAX1626ESA MAX1626-MAX1627 MAX1627 MAX1627 |
5V/3.3V or Adjustable / 100% Duty-Cycle / High-Efficiency / Step-Down DC-DC Controllers 5V/3.3V or Adjustable 100% Duty-Cycle High-Efficiency Step-Down DC-DC Controllers 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers 0.05 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SWG88010 SWG82710 |
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
5962-8672101FX |
3.3V/5V or Adjustable, Step-Up Step-Down DC-DC Converters 线路驱动
|
Rochester Electronics, LLC
|
LTC1709-85 LTC1709-7 LTC1709 1709F |
2-Phase, 5-Bit Adjustable,High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system 2-Phase, 5-Bit Adjustable Switching Regulator 2-Phase, Mobile VID, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, VRM8.4, High Efficiency, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
L6730CQTR L6730CQ L6730C L6730D L6730DTR L6730CTR |
Adjustable step-down controller with synchronous rectification
|
STMICROELECTRONICS[STMicroelectronics]
|
L6732TR L6732 |
Adjustable step-down controller with synchronous rectification
|
STMICROELECTRONICS[STMicroelectronics]
|
NCP1521 |
Adjustable Output Voltage Step-Down Converter
|
ON Semiconductor
|